Part Number Hot Search : 
BQ100 MSM6927 PCX48 MC332 MC28308 M120U MK30S NCP5604A
Product Description
Full Text Search
 

To Download KBPC3508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC35 SERIES
SINGLE-PHASE SILICON BRIDGE
CHENG- YI
ELECTRONIC
VOLTAGE RANGE 50 TO 1000 VOLTS PRV CURRENT 35 Amperes
FEATURES
UL recognized file #E149311 Surge overload rating-400 amperese peak Low forward voltage drop Solderable .25" FASTON terminals Mounting position:Any Electrically isolated base-1800Volts Materials used carries U/L recognized
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Resistive or inductive load, 60 Hz. For capacitive load, derate current by 20%.
KBPC 35005
KBPC 3501
KBPC 3502
KBPC 3504
KBPC 3506
KBPC 3508
KBPC 3510
UNITS
V V V A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current @ TC=55 C
0
VRRM VRMS VDC V(AV)
50 35 50
100 70 100
200 140 200
400 280 400 35
600 420 600
800 560 800
1000 700 1000
Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load(JEDEC Mehtod) Maximum DC Forward Voltage drop per bridge element at 17.5A DC Maximum DC Reverse Current at rated DC Blocking Voltage per bridge element I t Rating for fusing (t<8.3ms) Typical Thermal Resistance(Note.1) Operating Temperature Range Storage Temperature Range R
2
IFSM
400
A
VF IR It JC TJ TSTG
2
1.2 10 1
664 2.5
0
V
@ TA=250C @ TA=100 C
0
A
A AS C/W
0 2
-55 to +125 -55 to +150
C C
0
KBPC35 SERIES
SINGLE-PHASE SILICON BRIDGE
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES KBPC35 SERIES
Fig.2 - DERATING CURVE FOR Fig.1 - PAEK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT.(A) AVERAGE FORWARD CURRENT AMPERES
400 300 200 150 100
8.3ms Single Half Sine Wave
0 TJ=125C
OUTPUT RECTIFIED CURRENT
40
30
20
10
60
1
10
100
0
50 100
0
150
NUMBER OF CYCLES AT 60 Hz
TEMPERATURE, C
Fig.3 - TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT. AMPERES
100
Fig.4 - TYPICAL REVERSE CHARACTERISTICS
10
10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1.0
1.0
TJ=250C
0.1
0.1
.01 0 .01 .4 .6 .8 1.0 1.2 1.4 1.6
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
INSTANTANEOUS FORWARD VOLT AGE, VOLTS


▲Up To Search▲   

 
Price & Availability of KBPC3508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X